PART |
Description |
Maker |
M80-8981705 |
Datamate L-Tek SIL Female Small Bore Crimp Connector, gold clip gold shell, 17-way 17 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET
|
Harwin PLC
|
M80-4C11642F1-06-305-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 16 x Small bore signal contacts, 3 x 2mm Crimp Coax contacts 22 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-8872001 M80-8872005 M80-88720T6 M80-8872601 M8 |
DATAMATE 2mm PITCH DIL VERTICAL PC TAIL SOCKET ASSEMBLY
|
Harwin Plc
|
M83-LFC1F1N60-0000-000 |
JACKSCREW DATAMATE 3-ROW CRIMP FEMALE ASSEMBLY (60-WAY) Datamate J-Tek 3-Row Female Small Bore Crimp Connector, gold, Hexagonal jackscrews, 3 x 20-way (60)
|
Harwin Plc HARWIN INC
|
M30-1401500 M30-1400600 |
1.25mm Pitch SIL Female Crimp Housing, 15-way 15 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR 1.25mm Pitch SIL Female Crimp Housing, 6-way 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR
|
Harwin PLC
|
M40-1100400 |
1.00mm Pitch SIL Female Crimp Housing, 4-way 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR
|
Harwin PLC
|
M80-5601046 |
Datamate J-Tek DIL Male Large Bore Crimp Connector, tin, with jackscrews, 5 5-way 10 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M22-3010300 |
2.00mm SIL CRIMP SOCKET HOUSING
|
Harwin Plc
|
M22-3010100 M22-3014000 |
2.00mm SIL CRIMP SOCKET HOUSING
|
Harwin Plc
|
M80-8770222 |
Datamate L-Tek SIL Male Vertical 3mm PC Tail Connector, latched, selective gold tin/lead, 2-way 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-4C10605F1-04-325 |
JACKSCREW DATAMATE MIXED TECHNOLOGY CRIMP FEMALE ASSEMBLY
|
Harwin Plc
|
|